| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 628 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 628 Page - Renesas Technology Corp |
|
628 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 576 of 1102 REJ09B0294-0100 10.10.5 Conflict between TCNT Write and Increment Operations If incrementing occurs in the T2 state of a TCNT write cycle, the TCNT write takes precedence and TCNT is not incremented. Figure 10.47 shows the timing in this case. P φ TCNT input clock TCNT N Address Write T 1 T 2 TCNT write cycle M TCNT write data TCNT address Figure 10.47 Conflict between TCNT Write and Increment Operations 10.10.6 Conflict between TGR Write and Compare Match If a compare match occurs in the T2 state of a TGR write cycle, the TGR write takes precedence and the compare match signal is disabled. A compare match also does not occur when the same value as before is written. Figure 10.48 shows the timing in this case. TGR Compare match signal P φ TCNT N + 1 N Address Write T 1 T 2 M TGR address TGR write cycle N Disabled TGR write data Figure 10.48 Conflict between TGR Write and Compare Match |