| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 662 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 662 Page - Renesas Technology Corp |
|
662 / 1158 page ![]() Section 12 8-Bit Timers (TMR) Rev.1.00 Jun. 07, 2006 Page 610 of 1102 REJ09B0294-0100 12.2 Input/Output Pins Table 12.1 shows the pin configuration of the TMR. Table 12.1 Pin Configuration Unit Channel Name Symbol I/O Function 0 0 Timer output pin TMO0 Output Outputs compare match Timer clock input pin TMCI0 Input Inputs external clock for counter Timer reset input pin TMRI0 Input Inputs external reset to counter 1 Timer output pin TMO1 Output Outputs compare match Timer clock input pin TMCI1 Input Inputs external clock for counter Timer reset input pin TMRI1 Input Inputs external reset to counter 1 2 Timer output pin TMO2 Output Outputs compare match Timer clock input pin TMCI2 Input Inputs external clock for counter Timer reset input pin TMRI2 Input Inputs external reset to counter 3 Timer output pin TMO3 Output Outputs compare match Timer clock input pin TMCI3 Input Inputs external clock for counter Timer reset input pin TMRI3 Input Inputs external reset to counter 2 4 5 3 6 7 |