| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 758 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 758 Page - Renesas Technology Corp |
|
758 / 1158 page ![]() Section 15 Serial Communication Interface (SCI, IrDA, CRC) Rev.1.00 Jun. 07, 2006 Page 706 of 1102 REJ09B0294-0100 Table 15.12 shows the states of the SSR status flags and receive data handling when a receive error is detected. If a receive error is detected, the RDRF flag retains its state before receiving data. Reception cannot be resumed while a receive error flag is set to 1. Accordingly, clear the ORER, FER, PER, and RDRF bits to 0 before resuming reception. Figure 15.12 shows a sample flowchart for serial data reception. Table 15.12 SSR Status Flags and Receive Data Handling SSR Status Flag RDRF* ORER FER PER Receive Data Receive Error Type 1 1 0 0 Lost Overrun error 0 0 1 0 Transferred to RDR Framing error 0 0 0 1 Transferred to RDR Parity error 1 1 1 0 Lost Overrun error + framing error 1 1 0 1 Lost Overrun error + parity error 0 0 1 1 Transferred to RDR Framing error + parity error 1 1 1 1 Lost Overrun error + framing error + parity error Note: * The RDRF flag retains the state it had before data reception. |