| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 804 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 804 Page - Renesas Technology Corp |
|
804 / 1158 page ![]() Section 16 USB Function Module (USB) Rev.1.00 Jun. 07, 2006 Page 752 of 1102 REJ09B0294-0100 Figure 16.1 shows the block diagram of the USB. Peripheral bus Interrupt requests Status and control registers FIFO UDC Transceiver USB function module D+ D- Clock for USB (48 MHz) UDC: USB device controller [Legend] Figure 16.1 Block Diagram of USB 16.2 Input/Output Pins Table 16.1 shows the USB pin configuration. Table 16.1 Pin Configuration Pin Name I/O Function VBUS Input USB cable connection monitor pin USD+ I/O USB data I/O pin USD- I/O USB data I/O pin DrVcc Input Power supply pin for USB on-chip transceiver DrVss Input Ground pin for USB on-chip transceiver |