データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H8SX/1663 データシート(PDF) 1037 Page - Renesas Technology Corp

部品番号 H8SX/1663
部品情報  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 データシート(HTML) 1037 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1033Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1034Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1035Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1036Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1037Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1038Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1039Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1040Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1041Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1037 / 1158 page
background image
Section 23 Power-Down Modes
Rev.1.00 Jun. 07, 2006 Page 985 of 1102
REJ09B0294-0100
P
φ* [MHz]
STS4 STS3 STS2 STS1 STS0
Standby
Time
13
10
8
Unit
0
0
0
0
0
Reserved
µs
1
Reserved
1
0
Reserved
1
Reserved
1
0
0
Reserved
1
64
4.9
6.4
8.0
1
0
512
39.4
51.2
64.0
1
1024
78.8
102.4
128.0
1
0
0
0
2048
157.5
204.8
256.0
1
4096
0.32
0.41
0.51
ms
1
0
16384
1.26
1.64
2.05
1
32768
2.52
3.28
4.10
1
0
0
65536
5.04
6.55
8.19
1
131072
10.08
13.11
16.38
1
0
262144
20.16
26.21
32.77
1
524288
40.33
52.43
65.54
1
0
0
0
0
Reserved
: Recommended time setting when using an external clock.
:
Recommended time setting when using a crystal resonator.
Note:
*
φ is the output from the peripheral module frequency divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More