| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 204 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 204 Page - Renesas Technology Corp |
|
204 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 152 of 1102 REJ09B0294-0100 6.2.10 SRAM Mode Control Register (SRAMCR) SRAMCR specifies the bus interface of each area in the external address space as a basic bus interface or a byte control SRAM interface. In areas specified as 8-bit access space by ABWCR, the SRAMCR setting is ignored and the byte control SRAM interface cannot be specified. Bit Bit Name Initial Value R/W 15 BCSEL7 0 R/W 14 BCSEL6 0 R/W 13 BCSEL5 0 R/W 12 BCSEL4 0 R/W 11 BCSEL3 0 R/W 10 BCSEL2 0 R/W 9 BCSEL1 0 R/W 8 BCSEL0 0 R/W Bit Bit Name Initial Value R/W 7 0 R 6 0 R 5 0 R 4 0 R 3 0 R 2 0 R 1 0 R 0 0 R Bit Bit Name Initial Value R/W Description 15 14 13 12 11 10 9 8 BCSEL7 BCSEL6 BCSEL5 BCSEL4 BCSEL3 BCSEL2 BCSEL1 BCSEL0 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W Byte Control SRAM Interface Select Selects the bus interface for the corresponding area. When setting a bit to 1, the bus interface select bits in BROMCR and MPXCR must be cleared to 0. 0: Area n is basic bus interface 1: Area n is byte control SRAM interface (n = 7 to 0) 7 to 0 All 0 R Reserved These are read-only bits and cannot be modified. |