| データシートサーチシステム |
|
M32C/86 データシート(PDF) 371 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/86 データシート(HTML) 371 Page - Renesas Technology Corp |
|
371 / 505 page ![]() Page 348 9 7 4 f o 5 0 0 2 , 8 0 . p e S 0 0 . 1 . v e R 0 0 1 0 - 4 0 2 0 B 9 0 J E R 23. CAN Module ) T 6 8 / C 2 3 M , 6 8 / C 2 3 M ( p u o r G 6 8 / C 2 3 M Figure 23.27 Mask Registers and Message Slots Figure 23.28 Acceptance Filtering CiGMARk Regiser CiLMARk Register CiLMBRk Register Message Slot 0 to Message Slot 13 Message Slot 15 Message Slot 14 i=0, 1, k=0 to 4 For Standard ID Receive Message ID ID Set in the Message Slot Setting Velue of the Mask Register Value of the Mask Bit 0: Mask a receive message ID, corresponding to a bit in the maks register 1: Verify whether a recive message ID matches a corresponding bit ... Standard ID0 Standard ID10 Standard ID0 Standard ID10 Acceptance Verify Signal Acceptance Verify Signal 0: Received message is ignored (Message is stored into no message slot) 1: Received message is stored an slot, having the matched ID Standard ID0 Standard ID1 Standard ID10 Standard ID1 Standard ID1 |