| データシートサーチシステム |
|
M32C/86 データシート(PDF) 72 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/86 データシート(HTML) 72 Page - Renesas Technology Corp |
|
72 / 505 page ![]() Page 49 9 7 4 f o 5 0 0 2 , 8 0 . p e S 0 0 . 1 . v e R 0 0 1 0 - 4 0 2 0 B 9 0 J E R 7. Processor Mode ) T 6 8 / C 2 3 M , 6 8 / C 2 3 M ( p u o r G 6 8 / C 2 3 M 7. Processor Mode NOTE Use M32C/86T in single-chip mode only. M32C/86T cannot be used in memory expansion mode and microprocessor mode. 7.1 Types of Processor Mode Single-chip mode, memory expansion mode or microprocessor mode can be selected as a processor mode. Table 7.1 lists a feature of the processor mode. Table 7.1 Processor Mode Feature e d o M r o s s e c o r Pe c a p S e l b a s s e c c As t r o P O / I s a s u t a t S n i P e d o M p i h c - e l g n i SM O R l a n r e t n I , M A R l a n r e t n I , R F S s n i p O / I o t r o s t r o p O / I o t d e n g i s s a s n i p ll A s n o i t c n u f l a r e h p i r e p e h t r o f e d o M n o i s n a p x E y r o m e M l a n r e t x E , M O R l a n r e t n I , M A R l a n r e t n I , R F S e c a p S ) 1 ( s n i p l o r t n o c s u b o t d e n g i s s a s n i p e m o S ) 1 ( e d o M r o s s e c o r p o r c i Me c a p S l a n r e t x E , M A R l a n r e t n I , R F S ) 1 ( s n i p l o r t n o c s u b o t d e n g i s s a s n i p e m o S ) 1 ( : S E T O N o t r e f e R . 1 s u B . 8 . s li a t e d r o f |