| データシートサーチシステム |
|
M32C/86 データシート(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/86 データシート(HTML) 26 Page - Renesas Technology Corp |
|
26 / 505 page ![]() Page 3 1. Overview 9 7 4 f o 5 0 0 2 , 8 0 . p e S 0 0 . 1 . v e R 0 0 1 0 - 4 0 2 0 B 9 0 J E R ) T 6 8 / C 2 3 M , 6 8 / C 2 3 M ( p u o r G 6 8 / C 2 3 M 1.3 Block Diagram Figure 1.1 shows a block diagram of the M32C/86 group (M32C/86, M32C/86T) microcomputer. Figure 1.1 M32C/86 Group (M32C/86, M32C/86T) Block Diagram Port P0 Port P1 Port P2 Port P3 Port P4 Port P5 Port P6 Port P14 Port P15 Port P11 Port P12 Port P13 R0H R0L R1H R1L R2 R3 A0 A1 FB SB FLG INTB ISP USP PC SVF SVP VCT Multiplier M32C/80 series CPU Core Clock Generation Circuit XIN - XOUT XCIN - XCOUT On-chip Oscillator PLL Frequency Synthesizer A/D Converter: 1 circuit Standard: 10 inputs Maximum: 34 inputs UART/Clock Synchronous Serial I/O: 5 channels CRC Calculation Circuit (CCITT): X16+X12+X5+1 X/Y Converter: 16 bits x 16 bits D/A Converter: 8 bits x 2 channels Peripheral Functions ROM RAM Memory 78 5 8 8 888888 8 DMACII DMAC Watchdog Timer (15 bits) CAN Module: 2 channels Intelligent I/O Time Measurement: 8 channels Waveform Generating: 8 channels Communication Functions: Clock Synchronous Serial I/O, UART, HDLC Data Processing Stepping Motor Control Function Timer (16 bits) Timer A: 5 channels Timer B: 6 channels Three-Phase Motor Control Circuit |