| データシートサーチシステム |
|
M32C/86 データシート(PDF) 120 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/86 データシート(HTML) 120 Page - Renesas Technology Corp |
|
120 / 505 page ![]() Page 97 9 7 4 f o 5 0 0 2 , 8 0 . p e S 0 0 . 1 . v e R 0 0 1 0 - 4 0 2 0 B 9 0 J E R 11. Interrupts ) T 6 8 / C 2 3 M , 6 8 / C 2 3 M ( p u o r G 6 8 / C 2 3 M Undefined Instruction (UND Instruction) Overflow (INTO Instruction) BRK Instruction BRK2 Instruction(2) INT Instruction Software (Non-Maskable Interrupt) Hardware Interrupt _______ NMI Watchdog Timer Oscillation Stop Detection Low voltage Detection(3) Single-Step(2) Address Match DMACII Special (Non-Maskable Interrupt) Peripheral Function(1) (Maskable Interrupt) NOTES: 1. The peripheral functions in the microcomputer are used to generate the peripheral interrupt. 2. Do not use this interrupt. For development support tools only. 3. Low voltage detection interrupt cannot be used in M32C/86T. 11. Interrupts 11.1 Types of Interrupts Figure 11.1 shows types of interrupts. Figure 11.1 Interrupts • Maskable Interrupt The I flag enables or disables an interrupt. The interrupt priority order based on interrupt priority level can be changed. • Non-Maskable Interrupt The I flag does not enable nor disable an interrupt . The interrupt priority order based on interrupt priority level cannot be changed. |