| データシートサーチシステム |
|
SH7052 データシート(PDF) 349 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 データシート(HTML) 349 Page - Renesas Technology Corp |
|
349 / 919 page ![]() 323 Input Capture Register 10AH, AL (ICR10AH, ICR10AL): Input capture register 10AH, AL (comprising ICR10AH and ICR10AL) is a 32-bit read-only register to which the TCNT10AH, AL value is transferred on external input (TI10) (AGCK). At the same time, ICF10A in timer status register 10 (TCR10) is set to 1. Bit: 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Initial value: 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 R/W: R R R R R R R R R R R R R R R R Bit: 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Initial value: 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 R/W: R R R R R R R R R R R R R R R R ICR10A is initialized to H'00000000 by a power-on reset, and in hardware standby mode and software standby mode. Output Compare Register 10AH, AL (OCR10AH, OCR10AL): Output compare register 10AH, AL (comprising OCR10AH and OCR10AL) is a 32-bit readable/writable register that is constantly compared with free-running counter 10AH, AL (TCNT10AH, TCNT10AL). When both values match, CMF10A in timer status register 10 (TSR10) is set to 1. Bit: 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Initial value: 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W Bit: 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Initial value: 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W OCR10A is initialized to H'FFFFFFFF by a power-on reset, and in hardware standby mode and software standby mode. |