| データシートサーチシステム |
|
SH7052 データシート(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 データシート(HTML) 7 Page - Renesas Technology Corp |
|
7 / 919 page ![]() Main Revisions and Additions in this Edition Page Item Revisions (See Manual for Details) 8 1.3.1 Pin Arrangement Name of 155 th pin amended (PK11/TO8L) 61 5.1.1 Types of Exception Processing and Priority Table 5.1 Types of Exception Processing and Priority Order Compare match timer (CMT1), A/D converter channel 1 (A/D1) added Module abbreviations amended: CMT0, A/D0 160 9.3.5 Dual Address Mode Figure 9.5 Dual Address Mode and Indirect Address Operation (16-Bit-Width External Memory Space) Description of 1st and 2nd bus cycles amended If the data bus is 16 bits wide when the external memory space is accessed, two bus cycles are necessary. 217 10.2.3 Timer Control Registers (TCR) Timer Control Register 9A, 9B, 9C (TCR9A, TCR9B, TCR9C) Description of Bits 1 and 0 amended x=A, C, or E 306 10.2.15 Free-Running Counters (TCNT) Description of Free-Running Counter 0 added When the bits corresponding to the timer start register 1 (TSTR1) are set to 1, this counter starts to count. 307 Description of Free-Running Counters 1A, 1B, 2A, 2B, 3, 4, 5, 11 added When the bits corresponding to the timer start register 1, 3 (TSTR1, TSTR3) are set to 1, these counters start to count. 335 10.3.1 Overview Description of Channel 2 amended 337 Description of Channel 10 amended 348 10.3.9 PWM Timer Function Description amended ..., and H'0002, H'0003, H'0004 (100%), and H'0000 (0%) in BFR6A. 375 10.6 Sample Setup Procedures Sample Setup Procedure for Channel 0 Input Capture Triggered by Channel 10 Compare-Match Register name amended 399 Writing to ROM Area Immediately after ATU Register Write Description added |