| データシートサーチシステム |
|
SH7052 データシート(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 データシート(HTML) 29 Page - Renesas Technology Corp |
|
29 / 919 page ![]() 3 Table 1.1 SH7052F/SH7053F/SH7054F Features (cont) Item Features Clock pulse generator (CPG/PLL) • On-chip clock pulse generator (maximum operating frequency: 40 MHz) • Independent generation of CPU system clock and peripheral clock for peripheral modules • On-chip clock-multiplication PLL circuit (×4) Internal clock frequency range: 5 to 10 MHz Interrupt controller (INTC) • Five external interrupt pins (NMI, IRQ0 to IRQ3) • 109 internal interrupt sources (ATU-II × 75, SCI × 20, DMAC × 4, A/D × 2, WDT × 1, UBC × 1, CMT × 2, HCAN × 4) • 16 programmable priority levels User break controller (UBC) • Requests an interrupt when the CPU or DMAC generates a bus cycle with specified conditions (interrupt can also be masked) • Trigger pulse output (UBCTRG) on break condition Selection of trigger pulse width (φ ×1, ×4, ×8, ×16) • Simplifies configuration of an on-chip debugger Bus state controller (BSC) • Supports external memory access (SRAM and ROM directly connectable) 8/16-bit bus space • 3.3 V bus interface • 16 MB address space divided into four areas, with the following parameters settable for each area: Bus size (8 or 16 bits) Number of wait cycles Chip select signals (CS0 to CS3) output for each area • Wait cycles can be inserted using an external WAIT signal • External access in minimum of two cycles • Provision for idle cycle insertion to prevent bus collisions |