| データシートサーチシステム |
|
SH7052 データシート(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 データシート(HTML) 28 Page - Renesas Technology Corp |
|
28 / 919 page ![]() 2 Table 1.1 SH7052F/SH7053F/SH7054F Features Item Features CPU • Maximum operating frequency: 40 MHz • Original Hitachi SH-2 CPU • 32-bit internal architecture • General register machine Sixteen 32-bit general registers Three 32-bit control registers Four 32-bit system registers • Instruction execution time: Basic instructions execute in one state (25 ns/instruction at 40 MHz operation) • Address space: Architecture supports 4 Gbytes • Five-stage pipeline Operating states • Operating modes Single-chip mode 8/16-bit bus expanded mode • Mode with on-chip ROM • Mode with no on-chip ROM • Processing states Reset state Program execution state Exception handling state Bus-released state Power-down state • Power-down state Sleep mode Software standby mode Hardware standby mode Module standby Multiplier • 32 × 32 → 64 multiply operations executed in two to four cycles 32 × 32 + 64 → 64 multiply-and-accumulate operations executed in two to four cycles |