| データシートサーチシステム |
|
SH7052 データシート(PDF) 148 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 データシート(HTML) 148 Page - Renesas Technology Corp |
|
148 / 919 page ![]() 122 8.2 Description of Registers 8.2.1 Bus Control Register 1 (BCR1) Bit: 15 14 13 12 11 10 9 8 ——— —— —— — Initial value: 0 0 0 0 0 0 0 0 R/W: R R R R R R R R Bit: 7 6 5 4 3 2 1 0 — — — — A3SZ A2SZ A1SZ A0SZ Initial value: 0 0 0 0 1 1 1 1 R/W: R R R R R/W R/W R/W R/W BCR1 is a 16-bit readable/writable register that specifies the bus size of the CS spaces. Write bits 15 to 0 of BCR1 during the initialization stage after a power-on reset, and do not change the values thereafter. In on-chip ROM enabled mode, do not access any of the CS spaces until after completion of register initialization. In on-chip ROM disabled mode, do not access any CS space other than CS0 until after completion of register initialization. BCR1 is initialized to H'000F by a power-on reset and in hardware standby mode. It is not initialized by a manual reset or in software standby mode. • Bits 15 to 4—Reserved: These bits always read 0. Operation cannot be guaranteed if 1 is written to these bits. • Bit 3—CS3 Space Size Specification (A3SZ): Specifies the CS3 space bus size. A 0 setting specifies byte (8-bit) size, and a 1 setting specifies word (16-bit) size. Bit 3: A3SZ Description 0 Byte (8-bit) size 1 Word (16-bit) size (Initial value) • Bit 2—CS2 Space Size Specification (A2SZ): Specifies the CS2 space bus size. A 0 setting specifies byte (8-bit) size, and a 1 setting specifies word (16-bit) size. Bit 2: A2SZ Description 0 Byte (8-bit) size 1 Word (16-bit) size (Initial value) |