| データシートサーチシステム |
|
SH7052 データシート(PDF) 159 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 データシート(HTML) 159 Page - Renesas Technology Corp |
|
159 / 919 page ![]() 133 8.3.3 CS Assert Period Extension Idle cycles can be inserted to prevent extension of the RD, WRH, or WRL signal assert period beyond the length of the CSn signal assert period by setting the SW3 to SW0 bits of BCR2. This allows for flexible interfaces with external circuitry. The timing is shown in figure 8.6. Th and Tf cycles are added respectively before and after the ordinary cycle. Only CSn is asserted in these cycles; RD, WRH, and WRL signals are not. Further, data is extended up to the T f cycle, which is effective for gate arrays and the like, which have slower write operations. Th T1 CK Read Write Address CSn RD Data WRH, WRL Data T2 Tf Figure 8.6 CS Assert Period Extension Function |