| データシートサーチシステム |
|
M30620ECFS データシート(PDF) 356 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS データシート(HTML) 356 Page - Renesas Technology Corp |
|
356 / 621 page ![]() Clock-Synchronous Serial I/O Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 341 Figure 2.4.12. Set-up procedure of transmission in clock-synchronous serial I/O mode, transfer clock output from multiple pins function selected (2) Setting UART1 bit rate generator UART1 bit rate generator [Address 03A916] U1BRG Can be set to 0016 to FF16 (Note) b7 b0 Writing transmit data UART1 transmit buffer register [Address 03AB16, 03AA16] U1TB Setting transmission data b7 b0 b7 b0 (b15) (b8) Transmission enabled UART1 transmit/receive control register 1 [Address 03AD16] U1C1 Transmit enable bit 1 : Transmission enabled b7 b0 1 Checking the status of UART1 transmit/receieve control register UART1 transmit/receive control register 1 [Address 03AD16] U1C1 b7 b0 Transmit buffer empty flag 0 : Data present in transmit buffer register 1 : No data present in transmit buffer register (Writing next transmit data enabled) Start transmission Writing next transmit data UART1 transmit buffer register [Address 03AB16, 03AA16] U1TB Setting transmission data b7 b0 b7 b0 (b15) (b8) Transmission is complete Continued from the previous page Note: Write to UART1 bit rate generator when transmission/reception is halted. |