| データシートサーチシステム |
|
M30620ECFS データシート(PDF) 91 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS データシート(HTML) 91 Page - Renesas Technology Corp |
|
91 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER DMAC 76 DMAi control register Symbol Address When reset DMiCON(i=0,1) 002C16, 003C16 00000X002 Bit name Function Bit symbol Transfer unit bit select bit b7 b6 b5 b4 b3 b2 b1 b0 0 : 16 bits 1 : 8 bits DMBIT RW DMASL DMAS DMAE Repeat transfer mode select bit 0 : Single transfer 1 : Repeat transfer DMA request bit (Note 1) 0 : DMA not requested 1 : DMA requested 0 : Disabled 1 : Enabled 0 : Fixed 1 : Forward DMA enable bit Source address direction select bit (Note 3) Destination address direction select bit (Note 3) 0 : Fixed 1 : Forward DSD DAD Nothing is assigned. In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”. Note 1: DMA request can be cleared by resetting the bit. Note 2: This bit can only be set to “0”. Note 3: Source address direction select bit and destination address direction select bit cannot be set to “1” simultaneously. (Note 2) DMA1 request cause select register Symbol Address When reset DM1SL 03BA16 0016 Function Bit symbol b7 b6 b5 b4 b3 b2 b1 b0 DMA request cause select bit DSEL0 RW DSEL1 DSEL2 DSEL3 Nothing is assigned. In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”. Software DMA request bit If software trigger is selected, a DMA request is generated by setting this bit to “1” (When read, the value of this bit is always “0”) DSR b3 b2 b1 b0 0 0 0 0 : Falling edge of INT1 pin 0 0 0 1 : Software trigger 0 0 1 0 : Timer A0 0 0 1 1 : Timer A1 0 1 0 0 : Timer A2 0 1 0 1 : Timer A3(DMS=0) /serial I/O3 (DMS=1) 0 1 1 0 : Timer A4 (DMS=0) /serial I/O4 (DMS=1) 0 1 1 1 : Timer B0 (DMS=0) /two edges of INT1 (DMS=1) 1 0 0 0 : Timer B1 1 0 0 1 : Timer B2 1 0 1 0 : UART0 transmit 1 0 1 1 : UART0 receive 1 1 0 0 : UART2 transmit 1 1 0 1 : UART2 receive 1 1 1 0 : A-D conversion 1 1 1 1 : UART1 receive Bit name DMA request cause expansion bit DMS 0 : Normal 1 : Expanded cause Figure 1.16.3. DMAC register (2) |