| データシートサーチシステム |
|
M30620ECFS データシート(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS データシート(HTML) 20 Page - Renesas Technology Corp |
|
20 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Description 5 Block Diagram Figure 1.1.3 is a block diagram of the M16C/62 group. Block diagram of the M16C/62 group Timer Timer TA0 (16 bits) Timer TA1 (16 bits) Timer TA2 (16 bits) Timer TA3 (16 bits) Timer TA4 (16 bits) Timer TB0 (16 bits) Timer TB1 (16 bits) Timer TB2 (16 bits) Timer TB3 (16 bits) Timer TB4 (16 bits) Timer TB5 (16 bits) Internal peripheral functions Watchdog timer (15 bits) DMAC (2 channels) D-A converter (8 bits X 2 channels) A-D converter (10 bits X 8 channels Expandable up to 10 channels) UART/clock synchronous SI/O (8 bits X 3 channels) System clock generator XIN-XOUT XCIN-XCOUT M16C/60 series16-bit CPU core I/O ports Port P0 8 Port P1 8 Port P2 8 Port P3 8 Port P4 8 Port P5 8 Port P6 8 R0L R0H R1H R1L R2 R3 A0 A1 FB R0L R0H R1H R1L R2 R3 A0 A1 FB Registers ISP USP Stack pointer CRC arithmetic circuit (CCITT ) (Polynomial : X16+X12+X5+1) Multiplier Memory ROM (Note 1) RAM (Note 2) Note 1: ROM size depends on MCU type. Note 2: RAM size depends on MCU type. SB FLG PC Program counter Clock synchronous SI/O (8 bits X 2 channels) Vector table INTB Flag register Figure 1.1.3. Block diagram of M16C/62 group |