| データシートサーチシステム |
|
M30620ECFS データシート(PDF) 451 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS データシート(HTML) 451 Page - Renesas Technology Corp |
|
451 / 621 page ![]() Key-Input Interrupt Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 436 Figure 2.13.4. Example of operation of key-input interrupt P100 output P101 output P102 output P103 output P104 to P107 input Key input Key OFF Key OFF Key ON Key input interrupt processing Key matrix scan (1) Enter to stop mode (2) Cancel stop mode (3) Key scan (4) Enter to stop mode Key ON 2.13.2 Operation of Key-Input Interrupt The following is an operation of key-input interrupt. Figure 2.13.3 shows an example of a circuit that uses the key-input interrupt, Figure 2.13.4 shows an example of operation of key-input interrupt, and Figure 2.13.5 shows the setting procedure of key-input interrupt. (1) Set the direction register of the ports to be changed to key-input interrupt pins to input, and set the pull-up function. (2) Setting the key-input interrupt control register and setting the interrupt enable flag makes the interrupt-enabled state ready. _____ _____ (3) If a falling edge is input to either KI0 through KI3, the key-input interrupt request bit goes to “1”. Operation Figure 2.13.3. Example of circuit using the key-input interrupt P100 VREF I/O port P101 P102 P103 P104 / KI0 P105 / KI1 P106 / KI2 P107 / KI3 |