| データシートサーチシステム |
|
M30620ECFS データシート(PDF) 469 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS データシート(HTML) 469 Page - Renesas Technology Corp |
|
469 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 454 Applications This chapter presents applications in which peripheral functions built in the M16C/62 are used. They are shown here as examples. In practical use, make suitable changes and perform sufficient evaluation. For basic use, see Chapter 2 How to Use Peripheral Functions. Here follows the list of applications that appear in this chapter. • 3.1 Long-period timers .............................................................................................................. P456 • 3.2 Variable-period variable-duty PWM output ......................................................................... P460 • 3.3 Delayed one-shot output .................................................................................................... P464 • 3.4 Buzzer output ..................................................................................................................... P468 • 3.5 Solution for external interrupt pins shortage ....................................................................... P470 • 3.6 Memory to memory DMA transfer ...................................................................................... P472 • 3.7 Controlling power using stop mode .................................................................................... P476 • 3.8 Controlling power using wait mode ..................................................................................... P480 |