| データシートサーチシステム |
|
SH7708 データシート(PDF) 388 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 データシート(HTML) 388 Page - Renesas Technology Corp |
|
388 / 633 page ![]() 370 Start transmission Read TDRE bit in SCSSR Read TEND bit in SCSSR Clear TE bit in SCSCR to 0 TEND = 1? End transmission (1) (2) (3) No Yes TDRE = 1? Write transmit data to TDR and clear TDRE bit in SCSSR to 0 All data transmitted? No Yes Break output? No Yes Clear SPB0DT to 0 and set SPB0IO to 1 Yes No Note: Numbers in parentheses refer to the preceding procedure. Figure 13.5 Sample Flowchart for Transmitting Serial Data |