| データシートサーチシステム |
|
SH7708 データシート(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 データシート(HTML) 18 Page - Renesas Technology Corp |
|
18 / 633 page ![]() x 17.3.4 Basic Timing ........................................................................................................ 512 17.3.5 Burst ROM Timing .............................................................................................. 515 17.3.6 DRAM Timing ..................................................................................................... 518 17.3.7 Synchronous DRAM Timing................................................................................ 528 17.3.8 Pseudo-SRAM Timing ......................................................................................... 539 17.3.9 PCMCIA Timing.................................................................................................. 544 17.3.10 Peripheral Module Signal Timing ........................................................................ 551 17.3.11 AC Characteristics Test Conditions ..................................................................... 554 Appendix A Pin Functions ................................................................................................ 555 A.1 Pin States ........................................................................................................................... 555 A.2 Pin Specifications .............................................................................................................. 558 A.3 Handling of Unused Pins ................................................................................................... 561 A.4 Pin States in Access to Each Address Space ..................................................................... 562 Appendix B Control Registers ......................................................................................... 598 B.1 Register Address Map........................................................................................................ 598 B.2 Register Bit List................................................................................................................. 602 B.3 Register States in Reset and Power-Down States.............................................................. 608 Appendix C Delay Time Variation Due to Load Capacitance ............................... 612 Appendix D Package Dimensions................................................................................... 613 |