| データシートサーチシステム |
|
SH7708 データシート(PDF) 47 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 データシート(HTML) 47 Page - Renesas Technology Corp |
|
47 / 633 page ![]() 29 2.4 Instruction Set 2.4.1 Instruction Set Classified by Function The SH7708 Series instruction set includes 68 basic instruction types, as listed in table 2.4. Table 2.4 Classification of Instructions Classification Types Operation Code Function No. of Instructions Data transfer 5 MOV Data transfer 39 MOVA Effective address transfer MOVT T bit transfer SWAP Swap of upper and lower bytes XTRCT Extraction of middle of linked registers Arithmetic 21 ADD Binary addition 33 operations ADDC Binary addition with carry ADDV Binary addition with overflow check CMP/cond Comparison DIV1 Division DIV0S Initialization of signed division DIV0U Initialization of unsigned division DMULS Signed double-precision multiplication DMULU Unsigned double-precision multiplication DT Decrement and test EXTS Sign extension EXTU Zero extension MAC Multiply-and-accumulate operation, double-precision multiply-and-accumulate operation |