| データシートサーチシステム |
|
SH7708 データシート(PDF) 424 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 データシート(HTML) 424 Page - Renesas Technology Corp |
|
424 / 633 page ![]() 406 14.3.3 Data Format Figure 14.3 shows the data format for the smart card interface. In this mode, parity is checked every frame while receiving and error signals sent to the transmitting side whenever an error is detected so that data can be re-transmitted. During transmission, error signals are sampled and data re-transmitted whenever an error signal is detected. Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp With no parity error Transmitting station output Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp DE With parity error Transmitting station output Receiving station output Ds: D0–D7: Dp: DE: Start bit Data bits Parity bit Error signal Figure 14.3 Data Format for Smart Card Interface |