| データシートサーチシステム |
|
SH7708 データシート(PDF) 449 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 データシート(HTML) 449 Page - Renesas Technology Corp |
|
449 / 633 page ![]() 431 Section 16 Electrical Characteristics (-SH7708, SH7708S-) 16.1 Absolute Maximum Ratings Table 16.1 Absolute Maximum Ratings Item Symbol Ratings Units Power supply voltage VCC –0.3 to 4.6 V Input voltage Vin –0.3 to VCC + 0.3 V Operating temperature Topr –20 to 75 °C Storage temperature Tstr –55 to 125 °C Note: Operating the SH7708 Series above maximum ratings can damage or destroy it. |