| データシートサーチシステム |
|
SH7708 データシート(PDF) 137 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 データシート(HTML) 137 Page - Renesas Technology Corp |
|
137 / 633 page ![]() 119 6.4.2 Multiple Interrupts When handling multiple interrupts, an interrupt handler should include the following procedures: 1. Branch to a specific interrupt handler corresponding to a code set in INTEVT. The code in INTEVT can be used as a branch-offset for branching to the specific handler. 2. Clear the cause of the interrupt in each specific handler. 3. Save SSR and SPC to memory. 4. Clear the BL bit in SR, and set the accepted interrupt level in the interrupt mask bits in SR. 5. Handle the interrupt. 6. Execute the RTE instruction. When these procedures are followed in order, an interrupt of higher priority than the one being handled can be accepted after clearing BL in step 4. Figure 6.3 shows a sample interrupt operation flowchart. |