| データシートサーチシステム |
|
SH7708 データシート(PDF) 201 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 データシート(HTML) 201 Page - Renesas Technology Corp |
|
201 / 633 page ![]() 183 9.10.5 Usage Notes WTCNT should be set as shown below when using the WDT of the SH7708 (not including the SH7708S and SH7708R) in watchdog timer mode or interval timer mode. (a) (b) No Yes WTCNT setting WTCNT = set value + 1? SLEEP instruction WTCNT setting SLEEP instruction Wait for 2 WDT count clock cycles Perform either processing (a) or processing (b). No processing is required when the WDT is not used (WTCSR.TME = 0). If this processing is not performed, the WDT count will stop in sleep mode. (a) Read WTCNT and confirm that it has been incremented, then execute a SLEEP instruction. (b) Wait for two WDT count clock cycles after WTCNT is set, then execute a SLEEP instruction. Figure 9.6 To Operate the WDT in Sleep Mode (a) (b) No Yes WTCNT setting WTCNT = set value + 1? WTNCT instruction WTCNT setting WTCNT instruction Wait for 2 WDT count clock cycles Perform either processing (a) or processing (b). No processing is required when the WDT is not used (WTCSR.TME = 0). If this processing is not performed, the second WTCNT setting may not be carried out. (a) After the first WTCNT setting, read WTCNT and confirm that it has been incremented, then perform the next WTCNT setting. (b) After the first WTCNT setting, wait for two WDT count clock Figure 9.7 To Perform Repeated WTCNT Settings |