| データシートサーチシステム |
|
H8/3003 データシート(PDF) 370 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 370 Page - Renesas Technology Corp |
|
370 / 715 page ![]() Example of Phase Counting Mode: Figure 10-44 shows an example of operations in phase counting mode. Table 10-9 lists the up-counting and down-counting conditions for TCNT2. In phase counting mode both the rising and falling edges of TCLKA and TCLKB are counted. The phase difference between TCLKA and TCLKB must be at least 1.5 states, the phase overlap must also be at least 1.5 states, and the pulse width must be at least 2.5 states. See figure 10-45. Figure 10-44 Operation in Phase Counting Mode (Example) Table 10-9 Up/Down Counting Conditions Counting Direction Up-Counting Down-Counting TCLKB High Low High Low TCLKA Low High Low High Figure 10-45 Phase Difference, Overlap, and Pulse Width in Phase Counting Mode TCNT2 value Counting up Counting down Time TCLKB TCLKA TCLKA TCLKB Phase difference Phase difference Pulse width Pulse width Overlap Overlap Phase difference and overlap: Pulse width: at least 1.5 states at least 2.5 states 352 |