| データシートサーチシステム |
|
H8/3003 データシート(PDF) 371 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 371 Page - Renesas Technology Corp |
|
371 / 715 page ![]() 10.4.8 Buffering Buffering operates differently depending on whether a general register is an output compare register or an input capture register, with further differences in reset-synchronized PWM mode and complementary PWM mode. Buffering is available only in channels 3 and 4. Buffering operations under the conditions mentioned above are described next. • General register used for output compare The buffer register value is transferred to the general register at compare match. See figure 10-46. Figure 10-46 Compare Match Buffering • General register used for input capture The TCNT value is transferred to the general register at input capture. The previous general register value is transferred to the buffer register. See figure 10-47. Figure 10-47 Input Capture Buffering Compare match signal Comparator TCNT GR BR Input capture signal BR GR TCNT 353 |