| データシートサーチシステム |
|
H8/3003 データシート(PDF) 378 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 378 Page - Renesas Technology Corp |
|
378 / 715 page ![]() 10.4.9 ITU Output Timing The ITU outputs from channels 3 and 4 can be disabled by bit settings in TOER or by an external trigger, or inverted by bit settings in TOCR. Timing of Enabling and Disabling of ITU Output by TOER: In this example an ITU output is disabled by clearing a master enable bit to 0 in TOER. An arbitrary value can be output by appropriate settings of the data register (DR) and data direction register (DDR) of the corresponding input/output port. Figure 10-54 illustrates the timing of the enabling and disabling of ITU output by TOER. Figure 10-54 Timing of Disabling of ITU Output by Writing to TOER (Example) ø Address TOER ITU output pin TOER address Timer output I/O port Generic input/output ITU output T1 T2 T3 360 |