| データシートサーチシステム |
|
H8/3003 データシート(PDF) 375 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 375 Page - Renesas Technology Corp |
|
375 / 715 page ![]() Figure 10-51 shows an example in which GRA is set to function as an input capture register buffered by BRA, and TCNT is cleared by input capture B. The falling edge is selected as the input capture edge at TIOCB. Both edges are selected as input capture edges at TIOCA. Because of the buffer setting, when the TCNT value is captured into GRA at input capture A, the previous GRA value is simultaneously transferred to BRA. Figure 10-52 shows the transfer timing. Figure 10-51 Register Buffering (Example 2: Buffering of Input Capture Register) H'0180 H'0160 H'0005 H'0000 TIOCB TOICA GRA BRA GRB H'0005 H'0160 H'0005 H'0180 TCNT value Counter cleared by input capture B Time Input capture A H'0160 357 |