| データシートサーチシステム |
|
H8/3003 データシート(PDF) 243 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 243 Page - Renesas Technology Corp |
|
243 / 715 page ![]() 8.4.10 External Bus Requests, Refresh Controller, and DMAC During a DMA transfer, if the bus right is requested by an external bus request signal ( BREQ) or by the refresh controller, the DMAC releases the bus after completing the transfer of the current byte or word. If there is a transfer request at this point, the DMAC requests the bus right again. Figure 8-21 shows an example of the timing of insertion of a refresh cycle during a burst transfer on channel 0. Figure 8-21 Bus Timing of Refresh Controller and DMAC ø A to A RD HWR 23 0 LWR , T1 T2 T1 T2 T1 T2 T1 T2 T1 T2 Td T1 T2 T1 T2 T1 T2 DMAC cycle (channel 0) DMAC cycle (channel 0) Refresh cycle 225 |