| データシートサーチシステム |
|
H8/3003 データシート(PDF) 246 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 246 Page - Renesas Technology Corp |
|
246 / 715 page ![]() 8.4.13 Exiting Full Address Mode Figure 8-24 shows the procedure for exiting full address mode and initializing the pair of channels. To set the channels up in another mode after exiting full address mode, follow the setup procedure for the relevant mode. Figure 8-24 Procedure for Exiting Full Address Mode (Example) Exiting full address mode Halt the channel Initialize DTCRB Initialize DTCRA Initialized and halted 1 2 3 1. 2. 3. Clear the DTE bit to 0 in DTCRA, or wait for the transfer to end and the DTE bit to be cleared to 0. Clear all DTCRB bits to 0. Clear all DTCRA bits to 0. 228 |