| データシートサーチシステム |
|
H8/3028F データシート(PDF) 655 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 655 Page - Renesas Technology Corp |
|
655 / 923 page ![]() Rev. 2.00, 09/03, page 625 of 890 Section 19 Clock Pulse Generator 19.1 Overview The H8/3028 Group has a built-in clock pulse generator (CPG) that generates the system clock ( φ) and other internal clock signals ( φ/2 to φ/4096). After duty adjustment, a frequency divider divides the clock frequency to generate the system clock ( φ). The system clock is output at the φ pin*1 and furnished as a master clock to prescalers that supply clock signals to the on-chip supporting modules. Frequency division ratios of 1/1, 1/2, 1/4, and 1/8 can be selected for the frequency divider by settings in a division control register (DIVCR)*2. Power consumption in the chip is reduced in almost direct proportion to the frequency division ratio. Notes: 1. Usage of the φ pin differs depending on the chip operating mode and the PSTOP bit setting in the module standby control register (MSTCR). For details, see section 20.7, System Clock Output Disabling Function. 2. The division ratio of the frequency divider can be changed dynamically during operation. The clock output at the φ pin also changes when the division ratio is changed. The frequency output at the φ pin is shown below. φ = EXTAL × n where, EXTAL: Frequency of crystal resonator or external clock signal n: Frequency division ratio (n = 1/1, 1/2, 1/4, or 1/8) 19.1.1 Block Diagram Figure 19.1 shows a block diagram of the clock pulse generator. XTAL EXTAL CPG φ pin φ/2 to φ/4096 Oscillator Duty adjustment circuit Frequency divider Division control register Prescalers Data bus φ Figure 19.1 Block Diagram of Clock Pulse Generator |