| データシートサーチシステム |
|
H8/3028F データシート(PDF) 656 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 656 Page - Renesas Technology Corp |
|
656 / 923 page ![]() Rev. 2.00, 09/03, page 626 of 890 19.2 Oscillator Circuit Clock pulses can be supplied by connecting a crystal resonator, or by input of an external clock signal. 19.2.1 Connecting a Crystal Resonator Circuit Configuration: A crystal resonator can be connected as in the example in figure 19.2. Damping resistance Rd should be selected according to table 19.1 (1), and external capacitances CL1 and CL2 according to table 19.1 (2). An AT-cut parallel-resonance crystal should be used. EXTAL XTAL CL1 CL2 Rd Figure 19.2 Connection of Crystal Resonator (Example) If a crystal resonator with a frequency higher than 16 MHz is connected, the external load capacitance values in table 19.1 (2) should not exceed 10 [pF]. Also, in order to improve the accuracy of the oscillation frequency, a thorough study of oscillation matching evaluation, etc., should be carried out when deciding the circuit constants. Table 19.1 (1) Damping Resistance Value Frequency f (MHz) Damping Resistance Value 22 < f ≤ 44 < f ≤ 88 < f ≤ 10 10 < f ≤ 13 13 < f ≤ 16 16 < f ≤ 18 18 < f ≤ 25 Rd ( Ω) 1 k 500 200 0 0 0 0 0 Note: A crystal resonator between 2 MHz and 25 MHz can be used. If the chip is to be operated at less than 2 MHz, the on-chip frequency divider should be used. (A crystal resonator of less than 2 MHz cannot be used.) Table 19.1 (2) External Capacitance Values External Capacitance Value 3.3 V Version Frequency f (MHz) 2 ≤ f ≤ 16 16 < f ≤ 25 CL1 = CL2 (pF) 22 10 |