| データシートサーチシステム |
|
H8/3028F データシート(PDF) 657 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 657 Page - Renesas Technology Corp |
|
657 / 923 page ![]() Rev. 2.00, 09/03, page 627 of 890 Crystal Resonator: Figure 19.3 shows an equivalent circuit of the crystal resonator. The crystal resonator should have the characteristics listed in table 19.2. XTAL LRs CL C0 EXTAL AT-cut parallel-resonance type Figure 19.3 Crystal Resonator Equivalent Circuit Table 19.2 Crystal Resonator Parameters Frequency f (MHz) 2 4 8 10 12 16 18 20 25 Rs max ( Ω) 500 120 80 70 60 50 40 40 40 Co max (pF) 7 Use a crystal resonator with a frequency equal to the system clock frequency ( φ). Notes on Board Design: When a crystal resonator is connected, the following points should be noted: Other signal lines should be routed away from the oscillator circuit to prevent induction from interfering with correct oscillation. See figure 19.4. When the board is designed, the crystal resonator and its load capacitors should be placed as close as possible to the XTAL and EXTAL pins. XTAL EXTAL C L2 C L1 H8/3028 Group chip Avoid Signal A Signal B Figure 19.4 Oscillator Circuit Block Board Design Precautions |