| データシートサーチシステム |
|
H8/3028F データシート(PDF) 658 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 658 Page - Renesas Technology Corp |
|
658 / 923 page ![]() Rev. 2.00, 09/03, page 628 of 890 19.2.2 External Clock Input Circuit Configuration: An external clock signal can be input as shown in the examples in figure 19.5. If the XTAL pin is left open, the stray capacitance should not exceed 10 pF. If the stray capacitance at the XTAL pin exceeds 10 pF in configuration a, use the connection shown in configuration b instead, and hold the external clock high in standby mode. EXTAL XTAL EXTAL XTAL External clock input Open External clock input a. XTAL pin left open b. Complementary clock input at XTAL pin Figure 19.5 External Clock Input (Examples) External Clock: The external clock frequency should be equal to the system clock frequency when not divided by the on-chip frequency divider. Table 19.3 shows the clock timing, figure 19.6 shows the external clock input timing, and figure 19.7 shows the external clock output settling delay timing. When the appropriate external clock is input via the EXTAL pin, its waveform is corrected by the on-chip oscillator and duty adjustment circuit. When the appropriate external clock is input via the EXTAL pin, its waveform is corrected by the on-chip oscillator and duty adjustment circuit. The resulting stable clock is output to external devices after the external clock settling time (tDEXT) has passed after the clock input. The system must remain reset with the reset signal low during tDEXT, while the clock output is unstable. |