| データシートサーチシステム |
|
MPC8313ECVRGDDB データシート(PDF) 25 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8313ECVRGDDB データシート(HTML) 25 Page - Freescale Semiconductor, Inc |
|
25 / 100 page ![]() MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1 Freescale Semiconductor 25 Ethernet: Three-Speed Ethernet, MII Management 8.2.1.3 RMII Transmit AC Timing Specifications Table 28 provides the RMII transmit AC timing specifications. Figure 11 shows the RMII transmit AC timing diagram. Figure 11. RMII Transmit AC Timing Diagram 8.2.1.4 RMII Receive AC Timing Specifications Table 29 provides the RMII receive AC timing specifications. Table 28. RMII Transmit AC Timing Specifications At recommended operating conditions with NVDD of 3.3 V ± 0.3 V. Parameter/Condition Symbol1 Min Typ Max Unit REF_CLK clock tRMX —20 — ns REF_CLK duty cycle tRMXH/tRMX 35 — 65 % REF_CLK to RMII data TXD[1:0], TX_EN delay tRMTKHDX 2 — 10 ns REF_CLK data clock rise VIL(min) to VIH(max) tRMXR 1.0 — 4.0 ns REF_CLK data clock fall VIH(max) to VIL(min) tRMXF 1.0 — 4.0 ns Note: 1. The symbols used for timing specifications follow the pattern of t(first three letters of functional block)(signal)(state)(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tRMTKHDX symbolizes RMII transmit timing (RMT) for the time tRMX clock reference (K) going high (H) until data outputs (D) are invalid (X). Note that, in general, the clock reference symbol representation is based on two to three letters representing the clock of a particular functional. For example, the subscript of tRMX represents the RMII(RM) reference (X) clock. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall). Table 29. RMII Receive AC Timing Specifications At recommended operating conditions with NVDD of 3.3 V ± 0.3 V. Parameter/Condition Symbol1 Min Typ Max Unit REF_CLK clock period tRMX —20 — ns REF_CLK duty cycle tRMXH/tRMX 35 — 65 % RXD[1:0], CRS_DV, RX_ER setup time to REF_CLK tRMRDVKH 4.0 — — ns RXD[1:0], CRS_DV, RX_ER hold time to REF_CLK tRMRDXKH 2.0 — — ns REF_CLK clock rise VIL(min) to VIH(max) tRMXR 1.0 — 4.0 ns REF_CLK TXD[1:0] tRMTKHDX tRMX tRMXH tRMXR tRMXF TX_EN |