| データシートサーチシステム |
|
MPC8313ECVRGDDB データシート(PDF) 59 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8313ECVRGDDB データシート(HTML) 59 Page - Freescale Semiconductor, Inc |
|
59 / 100 page ![]() MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1 Freescale Semiconductor 59 GPIO Figure 51 provides the AC test load for the Timers. Figure 51. Timers AC Test Load 16 GPIO This section describes the DC and AC electrical specifications for the GPIO. 16.1 GPIO DC Electrical Characteristics Table 56 provides the DC electrical characteristics for the GPIO when the GPIO pins are operating from a 3.3-V supply. Table 57 provides the DC electrical characteristics for the GPIO when the GPIO pins are operating from a 2.5-V supply. Table 56. GPIO (When Operating at 3.3 V) DC Electrical Characteristics1 1 This specification only applies to GPIO pins that are operating from a 3.3-V supply. See Table 63 for the power supply listed for the individual GPIO signal. Characteristic Symbol Condition Min Max Unit Output high voltage VOH IOH = –8.0 mA 2.4 — V Output low voltage VOL IOL = 8.0 mA — 0.5 V Output low voltage VOL IOL =3.2 mA — 0.4 V Input high voltage VIH —2.0 NVDD +0.3 V Input low voltage VIL — –0.3 0.8 V Input current IIN 0V ≤ VIN ≤ NVDD — ±5 μA Table 57. GPIO (When Operating at 2.5 V) DC Electrical Characteristics1 Parameters Symbol Conditions Min Max Unit Supply voltage 2.5 V NVDD — 2.37 2.63 V Output high voltage VOH IOH = –1.0 mA NVDD = min 2.00 NVDD + 0.3 V Output low voltage VOL IOL = 1.0 mA NVDD = min VSS – 0.3 0.40 V Input high voltage VIH —NVDD = min 1.7 NVDD + 0.3 V Input low voltage VIL —NVDD = min –0.3 0.70 V Input high current IIH VIN = NVDD —10 μA Output Z0 = 50 Ω NVDD/2 RL = 50 Ω |