| データシートサーチシステム |
|
MPC8313ECVRGDDB データシート(PDF) 97 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8313ECVRGDDB データシート(HTML) 97 Page - Freescale Semiconductor, Inc |
|
97 / 100 page ![]() MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1 Freescale Semiconductor 97 Ordering Information 24 Ordering Information Ordering information for the parts fully covered by this specification document is provided in Section 24.1, “Part Numbers Fully Addressed by this Document.” 24.1 Part Numbers Fully Addressed by this Document Table 74 provides the Freescale part numbering nomenclature for the MPC8313E. Note that the individual part numbers correspond to a maximum processor core frequency. For available frequencies, contact your local Freescale sales office. In addition to the processor frequency, the part numbering scheme also includes an application modifier which may specify special application conditions. Each part number also contains a revision code which refers to the die mask revision number. Table 74. Part Numbering Nomenclature MPC nnnn et pp aa a x Product Code Part Identifier Encryption Acceleration Temperature Range 3 Package 1 e300 core Frequency 2 DDR Frequency Revision Level MPC 8313 Blank = Not included E = included Blank = 0 ° to 105°C C= –40 ° to 105°C ZQ = PB TEPBGAII VR = PB free TEPBGAII AF = 333 MHz GD = 400 MHz F = 333 MHz D = 266 MHz Blank = 1.0 A = 2.0 B = 2.1 Notes: 1. See Section 19, “Package and Pin Listings,” for more information on available package types. 2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this specification support all core frequencies. Additionally, parts addressed by Part Number Specifications may support other maximum core frequencies. 3. Contact local Freescale office on availability of parts with °C temperature range. |