| データシートサーチシステム |
|
AT88SC0104C データシート(PDF) 13 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT88SC0104C データシート(HTML) 13 Page - ATMEL Corporation |
|
13 / 58 page ![]() 10 5210B–SMIC–11/08 AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C Figure 4-10. AT88SC0104C, 0204C, 0404C Configuration Memory $0 $1 $2 $3 $4 $5 $6 $7 $00 Answer To Reset Identification $08 Fab Code MTZ Card Manufacturer Code $10 Lot History Code Read Only $18 DCR Identification Number Nc Access Control $20 AR0 PR0 AR1 PR1 AR2 PR2 AR3 PR3 $28 Reserved $30 $38 $40 Issuer Code $48 $50 Reserved for Authentication and Encryption Cryptography $58 $60 $68 $70 $78 $80 $88 $90 Reserved for Authentication and Encryption Secret $98 $A0 $A8 $B0 PAC Write 0 PAC Read 0 Password $B8 PAC Write 1 PAC Read 1 $C0 PAC Write 2 PAC Read 2 $C8 Reserved $D0 $D8 $E0 $E8 PAC Write 7 PAC Read 7 $F0 Reserved Forbidden $F8 |