| データシートサーチシステム |
|
AT88SC0104C データシート(PDF) 36 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT88SC0104C データシート(HTML) 36 Page - ATMEL Corporation |
|
36 / 58 page ![]() 33 5210B–SMIC–11/08 AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C 7.6.5 Verify Password : $BA 7.6.5.1 Functional Figure 7-10. Verify Password Command Functional Description Read password indices : $10 to $17 for passwords 0 to 7. Write password indices : $00 to $07 for passwords 0 to 7. Secure code index : $07 (equivalent to Write 7 password). Four password index bits "r" and "ppp" indicate the password to compare : r = 0: Write password, r = 1: Read password, p2p1p0: Password set number. Figure 7-11. Verify Password Once the sequence has been carried out, the device requires the host to perform an ACK polling sequence with the system read command $B6. In order to know whether the inserted password was correct, the host can read the corresponding attempts counter and verify the value is $FF. 7.7 Initialization Example The first step in initializing CryptoMemory is to determine what data is to be stored in the device and what the security settings need to be to protect this data. Once defined, determine the proper settings for CryptoMemory registers and select values for passwords. To initialize the CryptoMemory device, the following sequence is recommended to take place in a secure loca- tion to protect sensitive data and passwords that may be loaded into the device. Device Command Password Index PW1 PW2 PW3 Host 3 password bytes S T A R T S T O P Command PW Index Parameter 2 Data x 3 A C K A C K A C K A C K A C K 1011 1010 000r 0p2p1p0 xxxx xxxx 0000 0011 d7--- ---d0 N=3 |