| データシートサーチシステム |
|
AT88SC0104C データシート(PDF) 24 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT88SC0104C データシート(HTML) 24 Page - ATMEL Corporation |
|
24 / 58 page ![]() 21 5210B–SMIC–11/08 AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C Table 5-8. Fuse Access Rights Summary Zone Operation Fuse SEC=0 FAB=0 CMA=0 PER=0 Identification (Except MTZ and CMC) Read Free Free Free Free Write Secure Code Forbidden Forbidden Forbidden Memory Test Zone (MTZ) Read Free Free Free Free Write Card Manufacturer Code (CMC) Read Free Free Free Free Write Secure Code Secure Code Forbidden Forbidden Read Only (Lot History Code) Read Free Free Free Free Write Forbidden Forbidden Forbidden Forbidden Access Control Read Free Free Free Free Write Secure Code Secure Code Secure Code Forbidden Crytography (Except Encryption Keys S) Read Free Free Free Free Write Secure Code Secure Code Secure Code Forbidden Encryption Keys (S) Read Secure Code Secure Code Secure Code Forbidden Write Secret Read Secure Code Secure Code Secure Code Forbidden Write Passwords Read Secure Code Secure Code Secure Code Write PW Write Password Attempts Counters (PAC) Read Free Free Free Free Write Secure Code Secure Code Secure Code Write PW Forbidden Read Forbidden Forbidden Forbidden Forbidden Write User Zones Read AR AR AR AR Write Note: AR: Access Rights are defined by the Access Registers PW: Password Secure Code: Write 7 password is the Secure Code until the PER fuse is blown Forbidden: No access is permitted |