データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC4446EMS8E-TRPBF データシート(PDF) 7 Page - Linear Technology

部品番号 LTC4446EMS8E-TRPBF
部品情報  High Voltage High Side/Low Side N-Channel MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC4446EMS8E-TRPBF データシート(HTML) 7 Page - Linear Technology

Back Button LTC4446EMS8E-TRPBF Datasheet HTML 3Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 4Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 5Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 6Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 7Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 8Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 9Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 10Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC4446
7
4446f
OPERATION
Overview
The LTC4446 receives ground-referenced, low voltage digi-
tal input signals to drive two N-channel power MOSFETs in
a synchronous buck power supply configuration. The gate
of the low side MOSFET is driven either to VCC or GND,
depending on the state of the input. Similarly, the gate of
the high side MOSFET is driven to either BOOST or TS by
a supply bootstrapped off of the switching node (TS).
Input Stage
The LTC4446 employs CMOS compatible input thresholds
that allow a low voltage digital signal to drive standard
power MOSFETs. The LTC4446 contains an internal
voltage regulator that biases both input buffers for high
side and low side inputs, allowing the input thresholds
(VIH = 2.75V, VIL = 2.3V) to be independent of variations in
VCC. The 450mV hysteresis between VIH and VIL eliminates
false triggering due to noise during switching transitions.
However, care should be taken to keep both input pins
(TINP and BINP) from any noise pickup, especially in high
frequency, high voltage applications. The LTC4446 input
buffers have high input impedance and draw negligible
input current, simplifying the drive circuitry required for
the inputs.
Output Stage
A simplified version of the LTC4446’s output stage is shown
in Figure 1. The pull-up devices on the BG and TG outputs
are NPN bipolar junction transistors (Q1 and Q2). The BG
and TG outputs are pulled up to within an NPN VBE (~0.7V)
of their positive rails (VCC and BOOST, respectively). Both
BG and TG have N-channel MOSFET pull-down devices
(M1 and M2) which pull BG and TG down to their nega-
tive rails, GND and TS. The large voltage swing of the BG
and TG output pins is important in driving external power
MOSFETs, whose RDS(ON) is inversely proportional to the
gate overdrive voltage (VGS − VTH).
Rise/Fall Time
The LTC4446’s rise and fall times are determined by the
peak current capabilities of Q1 and M1. The predriver that
drives Q1 and M1 uses a nonoverlapping transition scheme
to minimize cross-conduction currents. M1 is fully turned
off before Q1 is turned on and vice versa.
Since the power MOSFET generally accounts for the ma-
jority of the power loss in a converter, it is important to
quickly turn it on or off, thereby minimizing the transition
time in its linear region. An additional benefit of a strong
pull-down on the driver outputs is the prevention of cross-
conduction current. For example, when BG turns the low
side (synchronous) power MOSFET off and TG turns the
high side power MOSFET on, the voltage on the TS pin
will rise to VIN very rapidly. This high frequency positive
voltage transient will couple through the CGD capacitance
of the low side power MOSFET to the BG pin. If there is
an insufficient pull-down on the BG pin, the voltage on
the BG pin can rise above the threshold voltage of the low
side power MOSFET, momentarily turning it back on. With
Figure 1. Capacitance Seen by BG and TG During Switching
6
BOOST
LTC4446
8
TS
TG
7
VIN
UP TO 100V
Q1
M1
CGS
4446 F01
CGD
3
VCC
9
GND
4
BG
Q2
M2
LOW SIDE
POWER
MOSFET
HIGH SIDE
POWER
MOSFET
CGS
CGD
LOAD
INDUCTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com