データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC4446EMS8E-TRPBF データシート(PDF) 9 Page - Linear Technology

部品番号 LTC4446EMS8E-TRPBF
部品情報  High Voltage High Side/Low Side N-Channel MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC4446EMS8E-TRPBF データシート(HTML) 9 Page - Linear Technology

Back Button LTC4446EMS8E-TRPBF Datasheet HTML 4Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 5Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 6Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 7Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 8Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 9Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 10Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 11Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC4446
9
4446f
APPLICATIONS INFORMATION
Unlike a pure capacitive load, a power MOSFET’s gate
capacitance seen by the driver output varies with its VGS
voltage level during switching. A MOSFET’s capacitive load
power dissipation can be calculated using its gate charge,
QG. The QG value corresponding to the MOSFET’s VGS
value (VCC in this case) can be readily obtained from the
manufacturer’s QG vs VGS curves. For identical MOSFETs
on TG and BG:
PQG = 2(VCC)(QG)(fIN)
To avoid damage due to power dissipation, the LTC4446
includes a temperature monitor that will pull BG and TG
low if the junction temperature rises above 160°C. Normal
operation will resume when the junction temperature cools
to less than 135°C.
Bypassing and Grounding
The LTC4446 requires proper bypassing on the VCC
and VBOOST-TS supplies due to its high speed switching
(nanoseconds) and large AC currents (Amperes). Careless
component placement and PCB trace routing may cause
excessive ringing.
To obtain the optimum performance from the LTC4446:
A. Mount the bypass capacitors as close as possible
between the VCC and GND pins and the BOOST and
TS pins. The leads should be shortened as much as
possible to reduce lead inductance.
B. Use a low inductance, low impedance ground plane
to reduce any ground drop and stray capacitance.
Remember that the LTC4446 switches greater than
3A peak currents and any significant ground drop will
degrade signal integrity.
C. Plan the power/ground routing carefully. Know where
the large load switching current is coming from and
going to. Maintain separate ground return paths for
the input pin and the output power stage.
D. Keep the copper trace between the driver output pin
and the load short and wide.
E. Be sure to solder the Exposed Pad on the back side of
the LTC4446 package to the board. Correctly soldered
to a 2500mm2 doublesided 1oz copper board, the
LTC4446 has a thermal resistance of approximately
40°C/W for the MS8E package. Failure to make good
thermal contact between the exposed back side and
the copper board will result in thermal resistances far
greater than 40°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com