データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC4446EMS8E-TRPBF データシート(PDF) 6 Page - Linear Technology

部品番号 LTC4446EMS8E-TRPBF
部品情報  High Voltage High Side/Low Side N-Channel MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC4446EMS8E-TRPBF データシート(HTML) 6 Page - Linear Technology

Back Button LTC4446EMS8E-TRPBF Datasheet HTML 2Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 3Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 4Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 5Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 6Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 7Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 8Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 9Page - Linear Technology LTC4446EMS8E-TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC4446
6
4446f
PIN FUNCTIONS
BLOCK DIAGRAM
TINP (Pin 1): High Side Input Signal. Input referenced
to GND. This input controls the high side driver output
(TG).
BINP (Pin 2): Low Side Input Signal. This input controls
the low side driver output (BG).
VCC (Pin 3): Supply. This pin powers input buffers, logic
and the low side gate driver output directly and the high
side gate driver output through an external diode con-
nected between this pin and BOOST (Pin 6). A low ESR
ceramic bypass capacitor should be tied between this pin
and GND (Pin 9).
BG (Pin 4): Low Side Gate Driver Output (Bottom Gate).
This pin swings between VCC and GND.
NC (Pin 5): No Connect. No connection required.
BOOST (Pin 6): High Side Bootstrapped Supply. An ex-
ternal capacitor should be tied between this pin and TS
(Pin 8). Normally, a bootstrap diode is connected between
VCC (Pin 3) and this pin. Voltage swing at this pin is from
VCC – VD to VIN + VCC – VD, where VD is the forward volt-
age drop of the bootstrap diode.
TG (Pin 7): High Side Gate Driver Output (Top Gate). This
pin swings between TS and BOOST.
TS (Pin 8): High Side MOSFET Source Connection (Top
Source).
Exposed Pad (Pin 9): Ground. Must be soldered to PCB
ground for optimal thermal performance.
TIMING DIAGRAM
3
6
7
9
HIGH SIDE
LEVEL SHIFTER
VCC UVLO
LDO
VINT
VCC
GND
7.2V TO
13.5V
BOOST
VIN
UP TO 100V
TG
8
TS
BG
4446 BD
1
TINP
BINP
2
5
NC
LOW SIDE
LEVEL SHIFTER
VCC
VCC
4
90%
INPUT RISE/FALL TIME < 10ns
TINP (BINP)
BG (TG)
BINP (TINP)
TG (BG)
90%
90%
tr
tf
tPHL
tPLH
10%
4444 TD
10%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com