| データシートサーチシステム |
|
SPT5420SIM データシート(PDF) 2 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
SPT5420SIM データシート(HTML) 2 Page - Cadeka Microcircuits LLC. |
|
2 / 8 page ![]() 2 6/26/01 SPT5420 ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25 °C Note: 1. Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper nominal applied conditions in typical applications. ELECTRICAL SPECIFICATIONS TA = TMIN to TMAX, VCC = +5.0 V, VDD = +11.5 V, VSS = –8.0 V, VREFT=3.5 V, VREFB = –1.5 V, RL = +10 kΩ, CL = 50 pF, unless otherwise specified. TEST TEST SPT5420 PARAMETERS CONDITIONS LEVEL MIN TYP MAX UNITS Accuracy Resolution VI 13 Bits Integral Linearity Error (ILE) VI –2.0 ±0.5 +2.0 LSB Differential Linearity Error (DLE) VI –1.0 ±0.3 +1.0 LSB Zero-Scale Error VI –25 +25 mV Full Scale Error VI –25 +25 mV Gain Error VI –25 +25 mV Reference Inputs Input Current IV ±100 nA VREFT1 VI 0 +3.5 +5.0 V VREFB2 VI –5.0 –1.5 0 V RGND Inputs DC Input Impedance V 60 k Ω Input Range IV –2.0 2.0 V Output Characteristics Output Swing3,4 VI +7/–3 V Short Circuit Current IV 15 mA Resistive Load VI 5 k Ω DC Output Impedance IV 1.0 Ω Digital Inputs Logic 1 Voltage VI 2.4 V Logic 0 Voltage VI 0.8 V Maximum Input Current VI –10 10 µA/pin Input Capacitance V 10 pF Supply Voltages VCC ........................................................................ +6 V VDD ...................................................................... +15 V VSS ...................................................................... –15 V Input Voltages VREFT .................................... VSS –0.3 V to VDD +0.3 V VREFB ................................... VDD +0.3 V to VSS –0.3 V Digital inputs .................................... –0.3 V to VCC +0.3 V Temperature Operating Temperature .......................... –40 to +85 °C Storage ................................................ –65 to +150 °C Notes: 1. VREFT < 8 V + (VSS x 0.5); e.g., if VSS = –8 V, then VREFT < 4 V 2. VREFB > (VDD x 0.5) – 9.5 V; e.g., if VDD = 11 V, then VREFB > –4 V 3. VSS + 2.5 V ≤ VOUT ≤ VSS + 16.0 V for 18.5 V ≤ VDD – VSS ≤ 20.0 V VSS + 2.5 V ≤ VOUT ≤ VDD – 2.5 V for VDD – VSS ≤ 18.5 V 4. VOUT = 2 X (VREFB +[VREFT – VREFB] X INPUT CODE 8192 ) – VRGND |