データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MIC3003 データシート(PDF) 17 Page - Micrel Semiconductor

部品番号 MIC3003
部品情報  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 データシート(HTML) 17 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 13Page - Micrel Semiconductor MIC3003 Datasheet HTML 14Page - Micrel Semiconductor MIC3003 Datasheet HTML 15Page - Micrel Semiconductor MIC3003 Datasheet HTML 16Page - Micrel Semiconductor MIC3003 Datasheet HTML 17Page - Micrel Semiconductor MIC3003 Datasheet HTML 18Page - Micrel Semiconductor MIC3003 Datasheet HTML 19Page - Micrel Semiconductor MIC3003 Datasheet HTML 20Page - Micrel Semiconductor MIC3003 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
17
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Address(s)
HEX
DEC
Field Size
(Bytes)
Name
Description
1F
31
1
MODSET 2
Modulation setpoint register 2
20-27
32-39
8
POHDATA
Power-on hour meter scratchpad
28-47
40-71
32
RXLUT
RX power internal calibration coefficient table. Eight sets of slope and
offset coefficients provide a piecewise-linear transfom for the receive
power ADC result.
48-57
72-87
16
CALCOEF
Slope and offset coefficients used for temperature, voltage, bias current,
and transmit power internal calibration
58-63
88-99
12
IFTLUT2
Additional 12 entries of the bias current fault threshold temperature
compensation LUT.
64-6F
100-111
12
BIASLUT2
Additional 12 entries of the bias current temperature compensation LUT.
70-7B
112-123
12
MODLUT2
Additional 12 entries of the modulation current temperature
compensation LUT.
7C-87
124-135
12
HATLUT2
Additional 12 entries of the bias current high alarm threshold
temperature compensation LUT.
88-CF
136-207
72
SCRATCH
OEM scratchpad area
D0-DD
208-221
14
RXLUTSEG/
SCRATCH
Receive power calibration segment delimiters. Each of the eight
segments can have its own slope and offset coefficient. Used to refine
the shape of the piecewise-linear function used for receive power in
internal calibration mode.
These bytes may also be part of the OEM scratch pad if the hard coded
delimiters option is selected, see the description of OEMCFG6
DE-FA
222-250
29
SCRATCH
OEM scratchpad area
FB-FC
251-252
2
POH
Power on hour meter result; read-only
FD
253
1
Data Ready Flags
Data ready bits for each measured parameter; read-only
FE
254
1
MFG_ID
Manufacturer identification (Micrel’s manufacturer ID is 42, 2Ah)
FF
255
1
DEV_ID
Device ID and die revision
Table 4. MIC3003 Serial Interface Address Map (OEM Configuration Registers), Device Address = A6h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com