| データシートサーチシステム |
|
MIC3003 データシート(PDF) 28 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC3003 データシート(HTML) 28 Page - Micrel Semiconductor |
|
28 / 75 page ![]() Micrel, Inc. MIC3003 November 2009 28 M9999-111209-C hbwhelp@micrel.com or (408) 955-1690 Figure 9. MIC3003 Power-On Timing (OE = 1) Fault Comparators In addition to detecting and reporting the events specified in SFF-8472, the MIC3003 also monitors five fault conditions: inadequate supply voltage, thermal diode faults, excessive bias current, excessive transmit power, and APC op-amp saturation. Comparators monitor these parameters in order to respond quickly to fault conditions that could indicate link failure or safety issues, see Figure 10. When a fault is detected, the laser is shut down and TXFAULT is asserted. Each fault source may be independently disabled using the FLTMSK register. FLTMSK is non-volatile, allowing faults to be masked only during calibration and testing or permanently. Figure 10. Fault Comparator Logic |